Part Number Hot Search : 
KK74HC CD485B 18S20 LCP1511D PITE1 WKV71 18S20 UMZ62K
Product Description
Full Text Search
 

To Download SJ-A1420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description the SJ-A1420 series of quartz crystal oscillators provide enable/disable 3-state lvcmos compatible signals for bus connected systems. supplying pin 1 of the SJ-A1420 units with a logic ?r open enables its pin 3 o utput. in the disable mode, pin 3 presents a high impedance to the load. all units are designed to survive standard wave soldering operations without damage. features ? high reliability - nel halt/hass qualified for crystal oscillator start-up conditions ? low jitter - wavecrest jitter characterization avail- able ? wide frequency range.0 mhz to 80.0 mhz ? user specified tolerance available ? will withstand vapor phase temperatures of 253 for 4 minutes maximum ? space-saving alternative to discrete component oscillators ? high shock resistance, to 3000g ? metal lid electrically connected to ground to reduce emi ? 3.3 volt operation ? high q crystal actively tuned oscillator circuit ? power supply decoupling internal ? no internal pll avoids cascading pll problems ? low power consumption ? gold plated leads ? rohs compliant, lead free construction SJ-A1420 series size, mm 9 x 14 i/o 4 j lead supply voltage 3.3v / 5v lvcmos SJ-A1420 series rev s frequency range: 1.0 mhz to 80.0 mhz creating a part number sj - a 142x - freq package code sj 4 j lead 9x14 mm smd input voltage code specification a 3.3 v 5 v t olerance/performance 0 ?00 ppm 0--0? 1 50 ppm 0-70 7 ?5 ppm 0--0? 9 customer specific a ?0 ppm 0--0? b ?0 ppm --0 to +85? c ?00 ppm --0 to +85? drawing specifications dimensions shown in inches and millimeters. e lectrical connection pin connection 1 enable/disable input 2 ground 3 o utput 4 v dd f or the most up to date speci - fications on each nel prod- uct, log on to our website www .nelfc.com 357 b eloit s tr eet, p .o. bo x 457, b urlington, wi 53105-0457 u.s.a. p hone: 262-763-3591 f ax: 262-763-2881 e mail: nelsales@nelfc.com www .nelfc.com
lvcmos SJ-A1420 series rev s frequency range: 1.0 mhz to 80.0 mhz test load operating conditions and output characteristics electrical characteristics parameter symbol conditions min typical max frequency 1.0 mhz 80.0 mhz duty cycle @v d d /2 45/55% 55/45% logic 0 v o l @600 ? 0.2 v logic 1 v oh @600 ? v dd -0.2v rise & fall time t r , t f 10-90% 8 ns t pz 25 ns enable/disable logic high voltage 1.6 v enable/disable logic low voltage 0.4 v jitter, rms ( 2) 3 psec frequency stability (1) df/f overall conditions including: -100 ppm +100 ppm voltage, calibration, temp., 10 yr aging, shock, vibration general characteristics parameter symbol conditions min typical max s upply v oltage (3) v dd 3.3v 10% 2.97 v 3.3 v 3.63 v s upply c urr ent i dd n o load 0.0 ma 25 ma 40 ma output current i o 0.0 ma ?6.0 ma operating temperature t a o c70 o c s torage t emperatur e t s -55 o c 125 o c power dissipation p d 145 mw lead temperature t l soldering, 10 sec. 300 o c load 15 pf s tar t-up t ime t s 2 ms 10 ms environmental and mechanical characteristics mechanical shock per mil-std-202, method 213, condition e thermal s hock per mil-std-833, method 1011, condition a v ibration 0.060" double amplitude 10 hz to 55 hz, 35gs 55 hz to 2000 hz s oldering condition 300 o c for 10 seconds hermetic seal leak rate less than 1 x 10 -8 atm.cc/sec of helium f ootnotes: 1) s tandard frequency stability (?0, ?5, ?0 ppm & others available). 2) jitter performance is frequency dependent. please contact factory for full wavecrest characterization. rms jitter bandwidth of 12khz to 20mhz. 3) internal high frequency power source decoupling.


▲Up To Search▲   

 
Price & Availability of SJ-A1420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X